Part Number Hot Search : 
0505X SM5841HS AQW280SZ ZSLS7025 147X0 SS7519 78L00 AP4435G
Product Description
Full Text Search
 

To Download P4KE11 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 W TE
PO WE R SEM IC O ND UC TO R S
P4KE SERIES
400W TRANSIENT VOLTAGE SUPPRESSORS
Features
! ! ! ! ! ! ! Glass Passivated Die Construction 400W Peak Pulse Power Dissipation 6.8V - 440V Standoff Voltage Uni- and Bi-Directional Versions Available Excellent Clamping Capability Fast Response Time Plastic Case Material has UL Flammability Classification Rating 94V-O A B A
C D
Mechanical Data
! ! ! ! Case: JEDEC DO-41 Low Profile Molded Plastic Terminals: Axial Leads, Solderable per MIL-STD-202, Method 208 Polarity: Cathode Band or Cathode Notch Marking: Unidirectional - Device Code and Cathode Band Bidirectional - Device Code Only Weight: 0.34 grams (approx.)
DO-41 Dim Min Max A 25.4 -- B 4.06 5.21 C 0.71 0.864 D 2.00 2.72 All Dimensions in mm
!
"C" Suffix Designates Bi-directional Devices "A" Suffix Designates 5% Tolerance Devices No Suffix Designates 10% Tolerance Devices
Maximum Ratings and Electrical Characteristics
Characteristic Peak Pulse Power Dissipation at TA = 25C (Note 1, 2, 5) Figure 3 Peak Forward Surge Current (Note 3) Peak Pulse Current on 10/1000S Waveform (Note 1) Figure 1 Steady State Power Dissipation (Note 2, 4) Operating and Storage Temperature Range
@TA=25C unless otherwise specified
Symbol PPPM IFSM IPPM PM(AV) Tj, TSTG
Value 400 Minimum 40 See Table 1 1.0 -65 to +175
Unit W A A W C
Note: 1. Non-repetitive current pulse, per Figure 1 and derated above TA = 25C per Figure 4. 2. Mounted on 40mm2 copper pad. 3. 8.3ms single half sine-wave duty cycle = 4 pulses per minutes maximum. 4. Lead temperature at 75C = TL . 5. Peak pulse power waveform is 10/1000S.
P4KE SERIES
1 of 5
(c) 2002 Won-Top Electronics
10,000
IP, PEAK PULSE CURRENT (%pp)
tr = 10ms
Tj = 25C f = 1.0 MHz Vsig = 50mV p-p Measured at Zero Bias
Cj, CAPACITANCE (pF)
100
Peak Value Ipp
1000
Half Value Ipp/2
50
100
Measured at Stand-off Voltage
tp
0
10 X 1000 Waveform as defined by R.E.A.
10
0
1
2
3
1
10
100
1000
t, TIME (ms) Fig. 1 Pulse Waveform
VRWM, REVERSE STANDOFF VOLTAGE (V) Fig. 2 Typical Junction Capacitance
100
PP, PEAK PULSE POWER (kW)
IMPULSE
10
1.0
0.1 0.1
TC = 25C
1.0
10
100
1000
10000
Tp, PULSE WIDTH (s) Fig. 3 Pulse Rating Curve
PK PULSE DERATING (% PK PWR OR CURRENT)
Pd , STEADY STATE POWER DISSIPATION (W)
100
1.00 Single Phase Half-Wave 60Hz Resistive or Inductive Load
75
0.75
50
0.50 L = 9.5 mm
25
10 X 1000 Waveform as defined by REA
0.25 40 x 40 x 1 mm Cu 0 0 25 50 75 100 125 150 175 200 TL , LEAD TEMPERATURE (C) Fig. 5, Steady State Power Derating
0 0 25 50 75 100 125 150 175 200
TA, AMBIENT TEMPERATURE (C) Fig. 4 Pulse Derating Curve
P4KE SERIES
2 of 5
(c) 2002 Won-Top Electronics
UNI-DIRECTIONAL 400 WATT AXIAL LEAD TVS
UNI-DIRECTIONAL PART NUMBER P4KE6.8 P4KE6.8A P4KE7.5 P4KE7.5A P4KE8.2 P4KE8.2A P4KE9.1 P4KE9.1A P4KE10 P4KE10A P4KE11 P4KE11A P4KE12 P4KE12A P4KE13 P4KE13A P4KE15 P4KE15A P4KE16 P4KE16A P4KE18 P4KE18A P4KE20 P4KE20A P4KE22 P4KE22A P4KE24 P4KE24A P4KE27 P4KE27A P4KE30 P4KE30A P4KE33 P4KE33A P4KE36 P4KE36A P4KE39 P4KE39A P4KE43 P4KE43A P4KE47 P4KE47A P4KE51 P4KE51A P4KE56 P4KE56A P4KE62 P4KE62A P4KE68 P4KE68A P4KE75 P4KE75A P4KE82 P4KE82A P4KE91 P4KE91A P4KE100 P4KE100A P4KE110 P4KE110A P4KE120 P4KE120A P4KE130 P4KE130A P4KE150 P4KE150A P4KE160 P4KE160A P4KE170 P4KE170A P4KE180 P4KE180A P4KE200 P4KE200A P4KE220 P4KE220A P4KE250 P4KE250A P4KE300 P4KE300A P4KE350 P4KE350A P4KE400 P4KE400A P4KE440 P4KE440A REVERSE STAND-OFF VOLTAGE VRWM (V) 5.50 5.80 6.05 6.40 6.63 7.02 7.37 7.78 8.10 8.55 8.92 9.40 9.72 10.20 10.50 11.10 12.10 12.80 12.90 13.60 14.50 15.30 16.20 17.10 17.80 18.80 19.40 20.50 21.80 23.10 24.30 25.60 26.80 28.20 29.10 30.80 31.60 33.30 34.80 36.80 38.10 40.20 41.30 43.60 45.60 47.80 50.20 53.00 55.10 58.10 60.70 64.10 66.40 70.10 73.70 77.80 81.00 85.50 89.20 94.00 97.20 102.00 105.00 111.00 121.00 128.00 130.00 136.00 138.00 145.00 146.00 154.00 162.00 171.00 175.00 185.00 202.00 214.00 243.00 256.00 284.00 300.00 324.00 342.00 356.00 376.00 BREAKDOWN VOLTAGE VBR (V) MIN. @IT 6.12 6.45 6.75 7.13 7.38 7.79 8.19 8.65 9.00 9.50 9.90 10.50 10.80 11.40 11.70 12.40 13.50 14.30 14.40 15.20 16.20 17.10 18.00 19.00 19.80 20.90 21.60 22.80 24.30 25.70 27.00 28.50 29.70 31.40 32.40 34.20 35.10 37.10 38.70 40.90 42.30 44.70 45.90 48.50 50.40 53.20 55.80 58.90 61.20 64.60 67.50 71.30 73.80 77.90 81.90 86.50 90.00 95.00 99.00 105.00 108.00 114.00 117.00 124.00 135.00 143.00 144.00 152.00 153.00 162.00 162.00 171.00 180.00 190.00 198.00 209.00 225.00 237.00 270.00 285.00 315.00 332.00 360.00 380.00 396.00 418.00 BREAKDOWN VOLTAGE VBR (V) MAX. @IT 7.48 7.14 8.25 7.88 9.02 8.61 10.00 9.50 11.00 10.50 12.10 11.60 13.20 12.60 14.30 13.70 16.50 15.80 17.60 16.80 19.80 18.90 22.00 21.00 24.20 23.10 26.40 25.20 29.70 28.40 33.00 31.50 36.30 34.70 39.60 37.80 42.90 41.00 47.30 45.20 51.70 49.40 56.10 53.60 61.60 58.80 68.20 65.10 74.80 71.40 82.50 78.80 90.20 86.10 100.00 95.50 110.00 105.00 121.00 116.00 132.00 126.00 143.00 137.00 165.00 158.00 176.00 168.00 187.00 179.00 198.00 189.00 220.00 210.00 242.00 231.00 275.00 263.00 330.00 315.00 385.00 368.00 440.00 420.00 484.00 462.00 TEST PEAK PULSE REVERSE MAXIMUM CLAMPING CURRENT CURRENT LEAKAGE VOLTAGE @Ipp Vc (V) IT (mA) Ipp (A) @VRWM IR (uA) 10 10 10 10 10 10 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 10.8 10.5 11.7 11.3 12.5 12.1 13.8 13.4 15.0 14.5 16.2 15.6 17.3 16.7 19.0 18.2 22.0 21.2 23.5 22.5 26.5 25.2 29.1 27.7 31.9 30.6 34.7 33.2 39.1 37.5 43.5 41.4 47.7 45.7 52.0 49.9 56.4 53.9 61.9 59.3 67.8 64.8 73.5 70.1 80.5 77.0 89.0 85.0 98.0 92.0 108.0 103.0 118.0 113.0 131.0 125.0 144.0 137.0 158.0 152.0 173.0 165.0 187.0 179.0 215.0 207.0 230.0 219.0 244.0 234.0 258.0 246.0 287.0 274.0 344.0 328.0 360.0 344.0 430.0 414.0 504.0 482.0 574.0 548.0 631.0 600.0 38.00 40.00 36.00 37.00 33.00 35.00 30.00 31.00 28.00 29.00 26.00 27.00 24.00 25.00 22.00 23.00 19.00 20.00 18.00 19.00 16.00 17.00 14.00 15.00 13.00 14.00 12.00 13.00 11.00 11.20 10.00 10.00 9.00 9.00 8.00 8.40 7.40 7.80 6.80 7.10 6.20 5.00 5.70 6.00 5.20 5.50 4.70 5.00 4.30 4.60 3.90 4.10 3.60 3.70 3.20 3.40 2.90 3.10 2.70 2.80 2.40 2.50 2.20 2.30 2.00 2.00 1.80 1.90 1.70 1.80 1.60 1.70 1.50 1.50 1.20 1.20 1.10 1.20 0.90 1.00 0.80 0.80 0.70 0.70 1.00 1.00 1000 1000 500 500 200 200 50 50 10 10 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5
P4KE SERIES
3 of 5
(c) 2002 Won-Top Electronics
BI-DIRECTIONAL 400 WATT AXIAL LEAD TVS
BI-DIRECTIONAL PART NUMBER P4KE6.8C P4KE6.8CA P4KE7.5C P4KE7.5CA P4KE8.2C P4KE8.2CA P4KE9.1C P4KE9.1CA P4KE10C P4KE10CA P4KE11C P4KE11CA P4KE12C P4KE12CA P4KE13C P4KE13CA P4KE15C P4KE15CA P4KE16C P4KE16CA P4KE18C P4KE18CA P4KE20C P4KE20CA P4KE22C P4KE22CA P4KE24C P4KE24CA P4KE27C P4KE27CA P4KE30C P4KE30CA P4KE33C P4KE33CA P4KE36C P4KE36CA P4KE39C P4KE39CA P4KE43C P4KE43CA P4KE47C P4KE47CA P4KE51C P4KE51CA P4KE56C P4KE56CA P4KE62C P4KE62CA P4KE68C P4KE68CA P4KE75C P4KE75CA P4KE82C P4KE82CA P4KE91C P4KE91CA P4KE100C P4KE100CA P4KE110C P4KE110CA P4KE120C P4KE120CA P4KE130C P4KE130CA P4KE150C P4KE150CA P4KE160C P4KE160CA P4KE170C P4KE170CA P4KE180C P4KE180CA P4KE200C P4KE200CA P4KE220C P4KE220CA P4KE250C P4KE250CA P4KE300C P4KE300CA P4KE350C P4KE350CA P4KE400C P4KE400CA P4KE440C P4KE440CA REVERSE STAND-OFF VOLTAGE VRWM (V) 5.50 5.80 6.05 6.40 6.63 7.02 7.37 7.78 8.10 8.55 8.92 9.40 9.72 10.20 10.50 11.10 12.10 12.80 12.90 13.60 14.50 15.30 16.20 17.10 17.80 18.80 19.40 20.50 21.80 23.10 24.30 25.60 26.80 28.20 29.10 30.80 31.60 33.30 34.80 36.80 38.10 40.20 41.30 43.60 45.60 47.80 50.20 53.00 55.10 58.10 60.70 64.10 66.40 70.10 73.70 77.80 81.00 85.50 89.20 94.00 97.20 102.00 105.00 111.00 121.00 128.00 130.00 136.00 138.00 145.00 146.00 154.00 162.00 171.00 175.00 185.00 202.00 214.00 243.00 256.00 284.00 300.00 324.00 342.00 356.00 376.00 BREAKDOWN VOLTAGE VBR (V) MIN. @IT 6.12 6.45 6.75 7.13 7.38 7.79 8.19 8.65 9.00 9.50 9.90 10.50 10.80 11.40 11.70 12.40 13.50 14.30 14.40 15.20 16.20 17.10 18.00 19.00 19.80 20.90 21.60 22.80 24.30 25.70 27.00 28.50 29.70 31.40 32.40 34.20 35.10 37.10 38.70 40.90 42.30 44.70 45.90 48.50 50.40 53.20 55.80 58.90 61.20 64.60 67.50 71.30 73.80 77.90 81.90 86.50 90.00 95.00 99.00 105.00 108.00 114.00 117.00 124.00 135.00 143.00 144.00 152.00 153.00 162.00 162.00 171.00 180.00 190.00 198.00 209.00 225.00 237.00 270.00 285.00 315.00 332.00 360.00 380.00 396.00 418.00 BREAKDOWN VOLTAGE VBR (V) MAX. @IT 7.48 7.14 8.25 7.88 9.02 8.61 10.00 9.50 11.00 10.50 12.10 11.60 13.20 12.60 14.30 13.70 16.50 15.80 17.60 16.80 19.80 18.90 22.00 21.00 24.20 23.10 26.40 25.20 29.70 28.40 33.00 31.50 36.30 34.70 39.60 37.80 42.90 41.00 47.30 45.20 51.70 49.40 56.10 53.60 61.60 58.80 68.20 65.10 74.80 71.40 82.50 78.80 90.20 86.10 100.00 95.50 110.00 105.00 121.00 116.00 132.00 126.00 143.00 137.00 165.00 158.00 176.00 168.00 187.00 179.00 198.00 189.00 220.00 210.00 242.00 231.00 275.00 263.00 330.00 315.00 385.00 368.00 440.00 420.00 484.00 462.00 TEST PEAK PULSE REVERSE MAXIMUM CLAMPING CURRENT CURRENT LEAKAGE VOLTAGE @Ipp Vc (V) IT (mA) Ipp (A) @VRWM IR (uA) 10 10 10 10 10 10 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 10.8 10.5 11.7 11.3 12.5 12.1 13.8 13.4 15.0 14.5 16.2 15.6 17.3 16.7 19.0 18.2 22.0 21.2 23.5 22.5 26.5 25.2 29.1 27.7 31.9 30.6 34.7 33.2 39.1 37.5 43.5 41.4 47.7 45.7 52.0 49.9 56.4 53.9 61.9 59.3 67.8 64.8 73.5 70.1 80.5 77.0 89.0 85.0 98.0 92.0 108.0 103.0 118.0 113.0 131.0 125.0 144.0 137.0 158.0 152.0 173.0 165.0 187.0 179.0 215.0 207.0 230.0 219.0 244.0 234.0 258.0 246.0 287.0 274.0 344.0 328.0 360.0 344.0 430.0 414.0 504.0 482.0 574.0 548.0 631.0 600.0 38.00 40.00 36.00 37.00 33.00 35.00 30.00 31.00 28.00 29.00 26.00 27.00 24.00 25.00 22.00 23.00 19.00 20.00 18.00 19.00 16.00 17.00 14.00 15.00 13.00 14.00 12.00 13.00 11.00 11.20 10.00 10.00 9.00 9.00 8.00 8.40 7.40 7.80 6.80 7.10 6.20 5.00 5.70 6.00 5.20 5.50 4.70 5.00 4.30 4.60 3.90 4.10 3.60 3.70 3.20 3.40 2.90 3.10 2.70 2.80 2.40 2.50 2.20 2.30 2.00 2.00 1.80 1.90 1.70 1.80 1.60 1.70 1.50 1.53 1.16 1.22 1.11 1.16 0.93 0.97 0.79 0.83 0.70 0.73 0.95 1.00 2000 2000 1000 1000 400 400 10 10 20 20 10 10 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5
P4KE SERIES
4 of 5
(c) 2002 Won-Top Electronics
ORDERING INFORMATION
Product No.!
P4KExx-T3 P4KExx-TB P4KExx P4KExxA-T3 P4KExxA-TB P4KExxA P4KExxC-T3 P4KExxC-TB P4KExxC P4KExxCA-T3 P4KExxCA-TB P4KExxCA
Package Type
DO-41 DO-41 DO-41 DO-41 DO-41 DO-41 DO-41 DO-41 DO-41 DO-41 DO-41 DO-41
Shipping Quantity
5000/Tape & Reel 5000/Tape & Box 1000 Units/Box 5000/Tape & Reel 5000/Tape & Box 1000 Units/Box 5000/Tape & Reel 5000/Tape & Box 1000 Units/Box 5000/Tape & Reel 5000/Tape & Box 1000 Units/Box
Products listed in bold are WTE Preferred devices. ! T3 suffix refers to a 13" reel. TB suffix refers to Ammo Pack. Shipping quantity given is for minimum packing quantity only. For minimum order quantity, please consult the Sales Department.
Won-Top Electronics Co., Ltd (WTE) has checked all information carefully and believes it to be correct and accurate. However, WTE cannot assume any responsibility for inaccuracies. Furthermore, this information does not give the purchaser of semiconductor devices any license under patent rights to manufacturer. WTE reserves the right to change any or all information herein without further notice. WARNING: DO NOT USE IN LIFE SUPPORT EQUIPMENT. WTE power semiconductor products are not authorized for use as critical components in life support devices or systems without the express written approval.
Won-Top Electronics Co., Ltd. No. 44 Yu Kang North 3rd Road, Chine Chen Dist., Kaohsiung, Taiwan Phone: 886-7-822-5408 or 886-7-822-5410 Fax: 886-7-822-5417 Email: sales@wontop.com Internet: http://www.wontop.com
We power your everyday.
(c) 2002 Won-Top Electronics
P4KE SERIES
5 of 5


▲Up To Search▲   

 
Price & Availability of P4KE11

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X